PART |
Description |
Maker |
STM32F101C6 STM32F101C8 STM32F101R6 STM32F101R8 ST |
Access line, advanced ARM-based 32-bit MCU with Flash memory, six 16-bit timers, ADC and seven communication interfaces
|
STMicroelectronics
|
STM32F101R6 STM32F101R6T6TR STM32F101C6 STM32F101T |
Low-density access line, ARM-based 32-bit MCU with 16 or 32 KB Flash, 5 timers, ADC and 4 communication interfaces
|
STMicroelectronics
|
STM32L031E4 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 32KB Flash, 8KB SRAM, 1KB EEPROM, ADC
|
STMicroelectronics
|
STM32F102X8 STM32F102XB STM32F102R8T6 STM32F102RBT |
Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
|
STMicroelectronics
|
LUCL9310GP-DT L9310 LUCL9310AP-D LUCL9310AP-DT LUC |
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device
|
AGERE[Agere Systems]
|
LUCL9310AP-D LUCL9310GP-D LUCL9310GP-DT |
Line Interface and Line Access Circuit Full-Feature SLIC,Ringing Relay,and Test Access Device Top Entry Connector Hood; Enclosure Material:Aluminum Alloy; For Use With:C146 Rectangular Circular Connectors; Thread Size:PG 21; Connecting Termination:Screw; Gender:Male; No. of Contacts:16; Operating Voltage:400V; Series:C-146 RoHS Compliant: Yes
|
http://
|
STIH416 |
Advanced HD AVC processor with 3D graphics acceleration and ARM Cortex-A9 SMP CPU
|
STMicroelectronics
|
L7583 |
Line Test,Tip/Ring, Line Card Access Switches(线测试,振铃,线卡存取开
|
Lineage Power
|
LPC4330FET100 LPC4350FET180 LPC4310 LPC4350FET256 |
32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet two High-speed USBs; advanced configurable peripherals
|
NXP Semiconductors
|